Part Number Hot Search : 
M12864 RA8835 SC560 GPM55F B1010 EMK12G 00P100 7471U
Product Description
Full Text Search
 

To Download BTD1768BA3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
General Purpose NPN Epitaxial Planar Transistor
Spec. No. : C304A3-B Issued Date : 2006.08.21 Revised Date : Page No. : 1/4
BTD1768BA3
Description
The BTD1768BA3 is designed for use in driver and output stages of AF amplifier and general purpose application.
Features
* Low collector saturation voltage * High breakdown voltage, VCEO=80V (min.) * High collector current, IC(max)=1A (DC) * Pb-free package
Symbol
BTD1768BA3
Outline
TO-92
BBase CCollector EEmitter
E BC
Absolute Maximum Ratings (Ta=25C)
Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current (DC) Collector Current (Pulse) Power Dissipation Thermal Resistance, Junction to Ambient Junction Temperature Storage Temperature
Note : Pulse test, PW 10ms, Duty 50%.
BTD1768BA3 CYStek Product Specification
Symbol VCBO VCEO VEBO IC ICP PD RJA
Tj Tstg
Limits 100 80 5 1 2 (Note) 750 167 150 -55~+150
Unit V V V A A mW C/W C C
CYStech Electronics Corp.
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO IEBO *VCE(SAT) *hFE fT Cob Min. 100 80 5 120 Typ. 0.15 100 20 Max. 1 1 0.4 560 Unit V V V A A V MHz pF
Spec. No. : C304A3-B Issued Date : 2006.08.21 Revised Date : Page No. : 2/4
Test Conditions IC=50A IC=1mA IE=50A VCB=80V, IE=0 VEB=4V, IC=0 IC=500mA, IB=20mA VCE=3V, IC=100mA VCE=10V, IC=50mA, f=100MHz VCB=10V, IE=0A, f=1MHz
*Pulse Test: Pulse Width 380s, Duty Cycle2%
Classification Of hFE
Rank Range Q 120~270 R 180~390 S 270~560
Ordering Information
Device BTD1768BA3 Package TO-92 (Pb-free) Shipping 1000 pcs / Bag, 10 Bags/Box Marking D1768
BTD1768BA3
CYStek Product Specification
CYStech Electronics Corp.
Characteristic Curves
Current Gain vs Collector Current
1000
HFE@VCE=3V
Spec. No. : C304A3-B Issued Date : 2006.08.21 Revised Date : Page No. : 3/4
Saturation Voltage vs Collector Current
1000 Saturation Voltage---(mV)
Current Gain---HFE
VBESAT@IC=20IB
100
HFE@VCE=2V
100
VCESAT@IC=20IB
10 1 10 100 1000 Collector Current---IC(mA)
10 1 10 100 1000 Collector Current---IC(mA)
On Voltage vs Collector Current
1000
Power Dissipation---PD(mW)
Power Derating Curve
800 700 600 500 400 300 200 100 0 0 50 100 150 200
On Voltage---(mV)
VBE(on)@VCE=2V
100 1 10 100 1000 Collector Current---IC(mA)
Ambient Temperature---TA()
BTD1768BA3
CYStek Product Specification
CYStech Electronics Corp.
TO-92 Dimension
2
Marking:
Spec. No. : C304A3-B Issued Date : 2006.08.21 Revised Date : Page No. : 4/4
A B
1 2 3
D1768
3
C
D
H I E F
G
1
Style: Pin 1.Emitter 2.Base 3.Collector 3-Lead TO-92 Plastic Package CYStek Package Code: A3
*: Typical
DIM A B C D E F
Inches Min. Max. 0.1704 0.1902 0.1704 0.1902 0.5000 0.0142 0.0220 *0.0500 0.1323 0.1480
Millimeters Min. Max. 4.33 4.83 4.33 4.83 12.70 0.36 0.56 *1.27 3.36 3.76
DIM G H I 1 2 3
Inches Min. Max. 0.0142 0.0220 *0.1000 *0.0500 *5 *2 *2
Millimeters Min. Max. 0.36 0.56 *2.54 *1.27 *5 *2 *2
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
* Lead: 42 Alloy ; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
BTD1768BA3
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of BTD1768BA3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X